Part Number Hot Search : 
55215RFK G950T 070012 TC9456F 1SS38 B2101 MAX9981 G445D
Product Description
Full Text Search
 

To Download MC100LVEL17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Low Voltage Quad Differential Receiver
The MC100LVEL17 is a low-voltage, quad differential receiver. The device is functionally equivalent to the E116 device with the capability of operation from either a -3.3V or +3.3V supply voltage. The MC100EL17 is pin and functionally equivalent to the MC100LVEL17, but is specified for operation at the standard 100E ECL voltage supply. The LVEL17 provides a VBB output for either single-ended use or as a DC bias for AC coupling to the device. The VBB pin should be used only as a bias for the LVEL17 as its current sink/source capability is limited. Whenever used, the VBB pin should be bypassed to ground via a 0.01f capacitor. Under open input conditions, the D input will be biased at VCC/2 and the D input will be pulled down to VEE. This operation will force the Q output LOW and ensure stability.
MC100LVEL17 MC100EL17
20 1
* * * *
325ps Propagation Delay High Bandwidth Output Transitions >2000V ESD Protection Operates from -3.3/-4.5V (or +3.3/+5.0V) Supply
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04
Logic Diagram and Pinout: 20-Lead SOIC (Top View)
VCC 20 Q0 19 Q0 18 Q1 17 Q1 16 Q2 15 Q2 14 Q3 13 Q3 12 VEE 11
PIN NAMES
Pins Dn Qn VBB Function Data Inputs Data Outputs Reference Voltage Output
1 VCC
2 D0
3 D0
4 D1
5 D1
6 D2
7 D2
8 D3
9 D3
10 VBB
MC100LVEL17 DC CHARACTERISTICS (VEE = -3.0V to -3.8V; VCC = GND) Note 1
-40C Symbol IEE VBB IIH IINL Characteristic Power Supply Current Output Reference Voltage Input HIGH Current Input LOW Current Dn Dn 0.5 -300 -1.38 Min Typ 26 Max 31 -1.26 150 0.5 -300 -1.38 Min 0C Typ 26 Max 31 -1.26 150 0.5 -300 -1.38 Min 25C Typ 26 Max 31 -1.26 150 0.5 -300 -1.38 Min 85C Typ 27 Max 33 -1.26 150 Unit mA V A A
1. All other DC characteristics are the same as Standard 100K ECL.
4/95
(c) Motorola, Inc. 1996
4-1
REV 2
MC100LVEL17 MC100EL17
MC100LVEL17 AC CHARACTERISTICS (VEE = -3.0V to -3.8V; VCC = GND)
-40C Symbol tPLH tPHL tSKEW Characteristic Propagation Delay D to Q Diff S.E. Min 330 280 Typ Max 530 580 75 200 25 150 -2.0 -1.8 280 -0.4 -0.4 550 150 -2.1 -1.9 280 -0.4 -0.4 550 Min 340 290 0C Typ Max 540 590 75 200 25 150 -2.1 -1.9 280 -0.4 -0.4 550 Min 350 300 25C Typ Max 550 600 75 200 25 150 -2.1 -1.9 280 -0.4 -0.4 550 ps Min 360 310 85C Typ Max 560 610 75 200 25 Unit ps ps
Skew Output-to-Output1 Part-to-Part (Diff)1 Duty Cycle (Diff)2 Minimum Input Swing3 Common Mode Range4 VPP < 500mV VPP 500mV Output Rise/Fall Times Q (20% - 80%)
VPP VCMR
mV V
tr tf 1. 2. 3. 4.
Skews are valid across specified voltage range, part-to-part skew is for a given temperature. Duty cycle skew is the difference between a TPLH and TPHL propagation delay through a device. Minimum input swing for which AC parameters guaranteed. The device has a DC gain of 40. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -3.3V. Note for PECL operation, the VCMR(min) will be fixed at 3.3V - |VCMR(min)|.
MC100EL17 DC CHARACTERISTICS (VEE = -4.2V to -5.5V; VCC = GND) Note 1
-40C Symbol IEE VBB IIH IINL Characteristic Power Supply Current Output Reference Voltage Input HIGH Current Input LOW Current Dn Dn 0.5 -300 -1.38 Min Typ 26 Max 31 -1.26 150 0.5 -300 -1.38 Min 0C Typ 26 Max 31 -1.26 150 0.5 -300 -1.38 Min 25C Typ 26 Max 31 -1.26 150 0.5 -300 -1.38 Min 85C Typ 27 Max 33 -1.26 150 Unit mA V A A
1. All other DC characteristics are the same as Standard 100K ECL.
MC100EL17 AC CHARACTERISTICS (VEE = -4.20V to -5.5V; VCC = GND)
-40C Symbol tPLH tPHL tSKEW Characteristic Propagation Delay D to Q Diff S.E. Min 330 280 Typ Max 530 580 75 200 25 150 -3.2 -3.0 280 -0.4 -0.4 550 150 -3.3 -3.1 280 -0.4 -0.4 550 Min 340 290 0C Typ Max 540 590 75 200 25 150 -3.3 -3.1 280 -0.4 -0.4 550 Min 350 300 25C Typ Max 550 600 75 200 25 150 -3.3 -3.1 280 -0.4 -0.4 550 ps Min 360 310 85C Typ Max 560 610 75 200 25 Unit ps ps
Skew Output-to-Output1 Part-to-Part (Diff)1 Duty Cycle (Diff)2 Minimum Input Swing3 Common Mode Range4 VPP < 500mV VPP 500mV Output Rise/Fall Times Q (20% - 80%)
VPP VCMR
mV V
tr tf 1. 2. 3. 4.
Skews are valid across specified voltage range, part-to-part skew is for a given temperature. Duty cycle skew is the difference between a TPLH and TPHL propagation delay through a device. Minimum input swing for which AC parameters guaranteed. The device has a DC gain of 40. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -4.5V. Note for PECL operation, the VCMR(min) will be fixed at 5.0V - |VCMR(min)|.
MOTOROLA
4-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC100LVEL17 MC100EL17
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E
-A -
20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0 7 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0 7 0.395 0.415 0.010 0.029
-B -
1 10
P 10 PL 0.010 (0.25)
M
B
M
D
20 PL
J
M
0.010 (0.25)
T
A
S
B
S
F R X 45 C -T G
18 PL SEATING - PLANE
K
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
ECLinPS and ECLinPS Lite DL140 -- Rev 3 4-3
*MC100LVEL17/D*
MC100LVEL17/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100LVEL17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X